PART |
Description |
Maker |
SSC1000-25-12 SSC800-25-24 |
Solid-State Panel Mount Relay; Output Device:IGBT; Output Voltage Max:1000VDC; Control Voltage Max:16VDC; Control Voltage Min:8VDC; Load Current Max:25A; Switching:DC Switch; Capacitance:50; Control Voltage (Nominal):12 Solid-State Panel Mount Relay; Output Device:IGBT; Output Voltage Max:800VDC; Control Voltage Max:28VDC; Control Voltage Min:20VDC; Load Current Max:25A; Switching:DC Switch; Capacitance:50; Control Voltage (Nominal):24
|
CRYDOM CORP
|
91A1C-D16-A 91C1C-D16-A 91D1C-D16-A 91R1C-D16-A 91 |
91, 92, 93, 94, 95, 96, 99 - 5/8 ?Square Single-Turn Panel Control 99 - 5/8 ?Square Single-Turn Panel Control with Rotary Switch 91, 92, 93, 94, 95, 96, 99 - 5/8 ?Square Single-Turn Panel Control 99 - 5/8 ?Square Single-Turn Panel Control with Rotary Switch
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
91A1D-A24-A13_A15 91A1D-A24-A13_A15L 91A1D-A24-A13 |
91, 92, 93, 94, 95, 96 - 5/8 隆卤 Square Single-Turn Panel Control 97, 99 - 5/8 隆卤 Square Single-Turn Panel Control with Rotary Switch 91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch 91, 92, 93, 94, 95, 96 - 5/8 ?Square Single-Turn Panel Control 97, 99 - 5/8 ?Square Single-Turn Panel Control with Rotary Switch
|
Bourns Electronic Solutions
|
PTF01-152A-102B1 |
Panel Control
|
Bourns Electronic Solut...
|
PDRP-1001 |
Deluge - Preaction Control Panel
|
Systemsensor advanced ideas.
|
PDB12-H4301-105BF PDB12-H4301-203BF PDB12-H4301-50 |
PANEL CONTROL - 12MM-ST-CARBON RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 1000000 ohm PANEL CONTROL - 12MM-ST-CARBON RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 20000 ohm PANEL CONTROL - 12MM-ST-CARBON RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 5000 ohm RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 100000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 200000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 500000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 1000 ohm ROHS COMPLIANT PANEL CONTROL - 12MM-ST-CARBON RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 10000 ohm RESISTOR, POTENTIOMETER, CARBON FILM, 1 TURN(S), 0.08 W, 50000 ohm ROHS COMPLIANT 12 mm Rotary Potentiometer
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
4XZMF XRM-24 CAC-4 PRO-411 DP-FLEX TR-1-R F404 4XL |
Four-Zone Fire Alarm Control Panel
|
Gamewell-FCI by Honeywell
|
UBIQ-230T UBIQ-230T-CE0E |
One-Touch Scenario Control Panel with 3.5 Color LCD
|
Advantech Co., Ltd.
|
7100-ENCL-M NS-7100B NS-7100R LCD-7100 INI-7100-FO |
Compact Analog Addressable Fire Alarm Control Panel
|
http:// Gamewell-FCI by Honeywell
|
PTH90 |
PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
|
Bourns Electronic Solutions
|
|